PART |
Description |
Maker |
PLS153 PLS153A PLS153AA PLS153AN PLS153N |
Programmable logic arrays 18 42 10 OT PLD, 30 ns, PDIP20 Programmable logic arrays 18 42 10 OT PLD, 30 ns, PQCC20 Programmable logic arrays 18 42 10 可编程逻辑阵列18420 Programmable logic arrays 18 × 42 × 10 Programmable logic arrays 18 42 10 Programmable logic arrays 18 】 42 】 10
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
XCV200 XCV100 XCV600 DS003-1 XCV1000 XCV400 XCV800 |
Virtex 2.5 V Field Programmable Gate Arrays Virtex?/a> 2.5 V Field Programmable Gate Arrays Fast, high-density Field-Programmable Gate Arrays
|
Xilinx, Inc http://
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
EPM7032AETI44-7 EPM7064AETI44-7 EPM7128AETI144-7 E |
Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 4ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 120 I/O pins, 7ns
|
Altera Corporation
|
ATT3000 ATT3020-100H68I ATT3020-100J68I ATT3020-10 |
FIELD-PROGRAMMABLE GATE ARRAYS
|
ETC[ETC]
|
OR4E2 OR4E4 OR4E6 OR4E10 |
Field-Programmable Gate Arrays
|
Agere Systems
|
LC5256MB-45F208C LC5256MB-45F208I LC5256MB-45F256C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family
|
Lattice Semiconductor
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
OR3L165B |
Field-Programmable Gate Arrays(现场可编程门阵列)
|
Lineage Power
|
OR3C55 OR3C80 |
Field-Programmable Gate Arrays(现场可编程门阵列)
|
Lineage Power
|
|